PART |
Description |
Maker |
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
AD7890AN-10 AD7890AR-10 AD7890AR-4 AD7890SQ-10 AD7 |
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor LC2MOS 8-Channel/ 12-Bit Serial/ Data Acquisition System DIN Audio Connector; No. of Contacts:6; Contact Termination:Solder; Mounting Type:Panel; Gender:Female; Terminal Type:Solder RoHS Compliant: Yes
|
http:// Analog Devices, Inc.
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower/ Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V/ 5 V/ 12 V Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 29; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 90 kHz SWITCHING FREQ-MAX, PDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
43045-0224 43045-1225 43045-0826 43045-0825 43045- |
Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR MicroFit 3.0 V TH /Clip DR 30Au 8Ckt POWER CONNECTOR Microfit 3.0 Vert PTH /clip DR 15Au 8Ckt POWER CONNECTOR 430450624 POWER CONNECTOR HEADER, MICROFIT 3.0, 8POS POWER CONNECTOR
|
Molex, Inc.
|
70246-4021 |
Header; No. of Contacts:40; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
ZM-PTZ9.1B ZM-PTZ10B ZM-PTZ11B ZM-PTZ12B ZM-PTZ13B |
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55B, 142B, 223, 400 RoHS Compliant: Yes 硅平面稳压二极管外延 RECEPTACLE RoHS Compliant: Yes 硅平面稳压二极管外延 PLUG RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Bulkhead Jack RoHS Compliant: Yes 硅平面稳压二极管外延 SILICON EPITAXIAL PLANAR ZENER DIODES 硅平面稳压二极管外延 SMA, Connector RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter, Plug-Jack; Body Plating:Passivated Steel RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Right Angle Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:174, 178, 187, 188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
53254-0710 |
Header; No. of Contacts:7; Pitch Spacing:2mm; No. of Rows:1; Series:Micro-Latch; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53014-0310 |
Header; No. of Contacts:3; Pitch Spacing:2mm; No. of Rows:1; Series:53014; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53047-0310 |
Header; No. of Contacts:3; Pitch Spacing:1.25mm; No. of Rows:1; Series:53047; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
10-33-1031 |
Header; No. of Contacts:3; Pitch Spacing:5.08mm; No. of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
3220-36-2 3220-36-0 3220-60-0 3220-24-0 AL-B-24-3 |
MINI CL/BANANA PLUG (RED) RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Minigator Clip; Cable Length:3ft RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
|